Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 63Page - Texas Instruments TLK111 Datasheet HTML 64Page - Texas Instruments TLK111 Datasheet HTML 65Page - Texas Instruments TLK111 Datasheet HTML 66Page - Texas Instruments TLK111 Datasheet HTML 67Page - Texas Instruments TLK111 Datasheet HTML 68Page - Texas Instruments TLK111 Datasheet HTML 69Page - Texas Instruments TLK111 Datasheet HTML 70Page - Texas Instruments TLK111 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
Table 8-20. PHY Specific Control Register (PHYSCR), address 0x0011 (continued)
BIT
NAME
DEFAULT
DESCRIPTION
11
Scrambler
0,RW
Scrambler Bypass:
Bypass
1 = Scrambler bypass enabled
0 = Scrambler bypass disabled
10
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
9:8
Loopback
01,RW
Far-End Loopback FIFO Depth:
FIFO Depth
00 = 4 nibbles FIFO
01 = 5 nibbles FIFO
10 = 6 nibbles FIFO
11 = 8 nibbles FIFO
This FIFO is used to adjust RX (recovered) clock rate to TX clock rate. FIFO depth need to be set
based on expected maximum packet size and clock accuracy. Default value sets to 5 nibbles.
7:5
RESERVED
000, RO
RESERVED: Writes ignored, read as 0.
4
COL FD
0, RW
Collision in Full-Duplex Mode:
Enable
1 = Enable generating Collision signaling in Full Duplex
0 = Disable Collision indication in Full Duplex mode. Collision will be active in Half Duplex only.
3
INT POL
1,RW
Interrupt Polarity:
1 = Steady state (normal operation) is 1 logic and during interrupt is 0 logic.
0 = Steady state (normal operation) is 0 logic and during interrupt is 1 logic.
2
tint
0,RW
Test Interrupt:
1 = Generate an interrupt
0 = Do not generate interrupt
Forces the PHY to generate an interrupt to facilitate interrupt testing. Interrupts will continue to be
generated as long as this bit remains set.
1
INT_EN
0,RW
Interrupt Enable:
1 = Enable event based interrupts
0 = Disable event based interrupts
Enable interrupt dependent on the event enables in the MISR register (0x0012).
0
INT_OE
0,RW
Interrupt Output Enable:
1 = INT / PWDN is an Interrupt Output
0 = INT / PWDN is a Power Down
Enable active low interrupt events via the INT / PWDN pin by configuring the INT / PWDN pin as an
output.
8.1.17 MII Interrupt Status Register 1 (MISR1)
This register contains events status and enables for the interrupt function. If an event has occurred since
the last read of this register, the corresponding status bit will be set. If the corresponding enable bit in the
register is set, an interrupt will be generated if the event occurs. The PHYSCR register (0x0011) bits 1 and
0 must also be set to allow interrupts. The status indications in this register will be set even if the interrupt
is not enabled.
Table 8-21. MII Interrupt Status Register 1 (MISR1), address 0x0012
BIT
NAME
DEFAULT
DESCRIPTION
15:14
RESERVED
00, RO
RESERVED: Writes ignored, read as 0.
13
Link Status Changed INT
0,RO, COR
Change of Link Status interrupt:
1 = Change of link status interrupt is pending
0 = No change of link status
12
Speed Changed INT
0,RO, COR
Change of Speed Status interrupt:
1 = Change of speed status interrupt is pending
0 = No change of speed status
Copyright © 2013–2014, Texas Instruments Incorporated
Register Block
67
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com