Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 4 Page - Texas Instruments

  TLK111 Datasheet HTML 1Page - Texas Instruments TLK111 Datasheet HTML 2Page - Texas Instruments TLK111 Datasheet HTML 3Page - Texas Instruments TLK111 Datasheet HTML 4Page - Texas Instruments TLK111 Datasheet HTML 5Page - Texas Instruments TLK111 Datasheet HTML 6Page - Texas Instruments TLK111 Datasheet HTML 7Page - Texas Instruments TLK111 Datasheet HTML 8Page - Texas Instruments TLK111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
RBIAS
PFBOUT
AVDD33
SW_STRAP
RESERVED
AGND
PFBIN1
TD +
TD –
AGND
RD +
RD –
38
39
40
41
42
43
44
45
46
47
48
23
22
21
20
19
18
17
16
15
14
13
PFBIN2
RX_CLK
RX_DV / MII_MODE
CRS/CRS_DV / LED_CFG
RX_ER / AMDIX_EN
COL / PHYAD0
RXD_0 / PHYAD1
RXD_1 / PHYAD2
RXD_2 / PHYAD3
RXD_3 / PHYAD4
IOGND
VDD_IO
24
37
TLK111
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
2
Pin Descriptions
The TLK111 pins fall into the following interface categories (subsequent sections describe each interface):
•
Serial Management Interface
•
Reset and Power Down
•
MAC Data Interface
•
Bootstrap Configuration Inputs
•
Clock Interface
•
10/100Mbs PMD Interface
•
LED Interface
•
Special Connect Pins
•
JTAG Interface
•
Power and Ground pins
Note: Configuration pin option. See Section 3.1 for Jumper Definitions.
The definitions below define the functionality of each pin.
Type: I
Input
Type: OD
Open Drain
Type: O
Output
Type: PD, PU
Internal Pulldown/Pullup
Type: I/O Input/Output
Type: S
Configuration Pin (All configuration pins have weak internal
pullups or pulldowns. Use an external 2.2k
Ω resistor if you
need a different default value. See Section 3.1 for details.)
2.1
Pin Layout
Figure 2-1. TLK111 PIN DIAGRAM, TOP VIEW
This document describes signals that take on different names depending on configuration. In such cases,
the different names are placed together and separated by slash (/) characters. For example, "RXD_3 /
PHYAD4". Active low signals are represented by overbars.
.
4
Pin Descriptions
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com