Electronic Components Datasheet Search
  English  ▼

X  

TLK111 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111
Description  PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TLK111 Datasheet HTML 51Page - Texas Instruments TLK111 Datasheet HTML 52Page - Texas Instruments TLK111 Datasheet HTML 53Page - Texas Instruments TLK111 Datasheet HTML 54Page - Texas Instruments TLK111 Datasheet HTML 55Page - Texas Instruments TLK111 Datasheet HTML 56Page - Texas Instruments TLK111 Datasheet HTML 57Page - Texas Instruments TLK111 Datasheet HTML 58Page - Texas Instruments TLK111 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
TLK111
www.ti.com
SLLSEF8B – AUGUST 2013 – REVISED JANUARY 2014
8.1.6
Auto-Negotiation Link Partner Ability Register (ANLPAR) (BASE Page)
This register contains the advertised abilities of the Link Partner as received during Auto-Negotiation. The
content changes after the successful auto-negotiation if Next-pages are supported.
Table 8-9. Auto-Negotiation Link Partner Ability Register (ANLPAR) (BASE Page), address 0x0005
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
NP
0, RO
Next Page Indication:
0 = Link Partner does not desire Next Page Transfer
1 = Link Partner desires Next Page Transfer
14
ACK
0, RO
Acknowledge:
1 = Link Partner acknowledges reception of the ability data word
0 = Not acknowledged. The Auto-Negotiation state machine will automatically control the this bit
based on the incoming FLP bursts.
13
RF
0, RO
Remote Fault:
1 = Remote Fault indicated by Link Partner
0 = No Remote Fault indicated by Link Partner
12
RESERVED
0, RO
RESERVED for Future IEEE use: Write as 0, read as 0
11
ASM_DIR
0, RO
ASYMMETRIC PAUSE:
1 = Asymmetric pause is supported by the Link Partner
0 = Asymmetric pause is not supported by the Link Partner
10
PAUSE
0, RO
PAUSE:
1 = Pause function is supported by the Link Partner
0 = Pause function is not supported by the Link Partner
9
100B-T4
0, RO
100Base-T4 Support:
1 = 100Base-T4 is supported by the Link Partner
0 = 100Base-T4 is not supported by the Link Partner
8
100B-TX_FD
0, RO
100Base-TX Full Duplex Support:
1 = 100Base-TX Full Duplex is supported by the Link Partner
0 = 100Base-TX Full Duplex is not supported by the Link Partner
7
100B-TX
0, RO
100Base-TX Support:
1 = 100Base-TX is supported by the Link Partner
0 = 100Base-TX is not supported by the Link Partner
6
10B-T_FD
0, RO
10Base-T Full Duplex Support:
1 = 10Base-T Full Duplex is supported by the Link Partner
0 = 10Base-T Full Duplex is not supported by the Link Partner
5
10B-T
0, RO
10Base-T Support:
1 = 10Base-T is supported by the Link Partner
0 = 10Base-T is not supported by the Link Partner
4:0
Selector
0 0000, RO
Protocol Selection Bits:
Link Partner’s binary encoded protocol selector.
Copyright © 2013–2014, Texas Instruments Incorporated
Register Block
55
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com