Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
11/76
[VDD = 4.5 to 5.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Address hold time
tAH6
5
—
Address setup time
tAW6
5
—
System cycle time
tCYC6
166
—
Data setup time
tDS6
30
—
Data hold time
tDH6
10
—
Access time
tACC6
CL = 100 pF
—
70
Output disable time
tOH6
10
50
Read
tEWHR
70
—
Enable H pulse width
Write
tEWHW
30
—
Read
tEWLR
60
—
Enable L pulse width
Write
tEWLW
60
—
ns
[VDD = 3.7 to 4.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Address hold time
tAH6
5
—
Address setup time
tAW6
5
—
System cycle time
tCYC6
300
—
Data setup time
tDS6
40
—
Data hold time
tDH6
15
—
Access time
tACC6
—
140
Output disable time
tOH6
CL = 100 pF
10
100
Read
tEWHR
120
—
Enable H pulse width
Write
tEWHW
60
—
Read
tEWLR
60
—
Enable L pulse width
Write
tEWLW
60
—
ns
Note 1: The input signal rise and fall times are specified as 15ns or less.
When using the system cycle time for fast speed, the specified values are (tr + tf)
 (tCYC6 –
tEWLW – tEWHW) or (tr + tf)  (tCYC6 – tEWLR – tEWHR).
Note 2: All timings are specified taking the levels of 20% and 80% of VDD as the reference.
Note 3: The values of tEWLW and tEWLR are specified during the overlapping period of CS1 at “L” (CS2 =
“H”) and the “H” level of E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com