Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 55Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 56Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 57Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 58Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 59Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 60Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 61Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 62Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
59/76
PAD CONFIGURATION
Pad Layout
Chip Size : 9.164
 2.982 mm
Pad Coordinates
Pad No.
Pad Name
X (µm)
Y (µm)
Pad No.
Pad Name
X (µm)
Y (µm)
1
DUMMY
-4462.5
-1376.0
21
CS1
-2762.5
-1376.0
2
DUMMY
-4377.5
-1376.0
22
CS2
-2677.5
-1376.0
3
DUMMY
-4292.5
-1376.0
23
VDD
-2592.5
-1376.0
4
DUMMY-B
-4207.5
-1376.0
24
RES
-2507.5
-1376.0
5
DUMMY-B
-4122.5
-1376.0
25
A0
-2422.5
-1376.0
6
DUMMY-B
-4037.5
-1376.0
26
VSS
-2337.5
-1376.0
7
DUMMY-B
-3952.5
-1376.0
27
WR
-2252.5
-1376.0
8
DUMMY-B
-3867.5
-1376.0
28
RD
-2167.5
-1376.0
9
VSS
-3782.5
-1376.0
29
VDD
-2082.5
-1376.0
10
DUMMY-B
-3697.5
-1376.0
30
DB0
-1997.5
-1376.0
11
DUMMY-B
-3612.5
-1376.0
31
DB1
-1912.5
-1376.0
12
DUMMY-B
-3527.5
-1376.0
32
DB2
-1827.5
-1376.0
13
DUMMY-B
-3442.5
-1376.0
33
DB3
-1742.5
-1376.0
14
DUMMY-B
-3357.5
-1376.0
34
DB4
-1657.5
-1376.0
15
TEST1
-3272.5
-1376.0
35
DB5
-1572.5
-1376.0
16
FRS
-3187.5
-1376.0
36
DB6
-1487.5
-1376.0
17
FR
-3102.5
-1376.0
37
DB7
-1402.5
-1376.0
18
CL
-3017.5
-1376.0
38
DUMMY-B
-1317.5
-1376.0
19
DOF
-2932.5
-1376.0
39
VDD
-1232.5
-1376.0
20
VSS
-2847.5
-1376.0
40
VDD
-1147.5
-1376.0
Note: Leave DUMMY and DUMMY-B pads open.
Do not run traces around. Run traces through DUMMY and DUMMY-B pads individually, not in
common.
104
105
148
149
308
309
347
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com