Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 61Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 62Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 63Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 64Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 65Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 66Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 67Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 68Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
65/76
ML9058E GOLD BUMP SPECIFICATION
Gold Bump Specification
Symbo
l
Parameter
Min.
Typ.
Max.
Unit
A
Bump Pitch (Min.Section: Segment Section)
52
—
—
m
B
Bump Size (Segment Section: Pitch Direction)
29
32
35
m
C
Bump Size (Segment Section: Depth Direction)
114
117
120
m
D
Bumo-to-Bump Distance
(Segment Section: Pitch Direction)
17
20
23
m
E
Bump Pitch (Min.Section: Input Section)
85
—
—
m
F
Bump Size (Input Section: Pitch Direction)
57
60
63
m
G
Bump Size (Input Section: Depth Direction)
67
70
73
m
H
Bumo-to-Bump Distance
(Input Section: Pitch Direction)
22
25
28
m
I
Bump Size (Figure “L” alignment mark: Length)
95
98
101
m
J
Bump Size (Figure “L” alignment mark: Width)
40
43
46
m
—
Pad center to Bump center allowable error
—
—
2
m
K
Bump Height
12
15
18
m
—
Bumph Height Dispersion Inside Chip (Range)
—
—
3
m
L
Bump Edge Height
—
—
3
m
—
Shear Strength (g)
18
—
—
g
—
Bump hardness: High (Hv: 25g load)
50
—
110
Hv
—
Bump hardness: Low (Hv: 25g load)
30
—
70
Hv
 Chip Thickness: 625 15 m
 Chip Size: 9.164mm  2.982mm
Top View and Cross Section View
A
B
D
E
H
F
Segment
Section
Cross Section View
Figure “L”
Alignment Mark
Input Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com