Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 20Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 21Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
18/76
Function
Pin name
Number
of pins
I/O
Description
VRS
2
—
These are the test pins for the LCD power supply voltage adjustment
circuit. Leave these pins open.
VOUT
2
I/O
These are the output pins during voltage multiplication. Connect a
capacitor between these pins and VSS.
These are the multiple level power supply pins for the LCD power
supply. The voltages specified for the LCD cells are applied to these
pins after resistor network voltage division or after impedance
transformation using operational amplifiers.
The voltages are
specified taking VSS as the reference, and the following relationship
should be maintained among them.
V1
 V2  V3  V4  V5  VSS
Master operation: When the power supply is ON, the following
voltages are applied to V2 to V5 from the built-in power supply circuit.
The selection of voltages is determined by the LCD bias set
command.
ML9058E
V2
8/9
 V1
6/7
 V1
V3
7/9
 V1
5/7
 V1
V4
2/9
 V1
2/7
 V1
V5
1/9
 V1
1/7
 V1
V1
V2
V3
V4
V5
10
I/O
VR
2
I
Voltage adjustment pins. Voltages between V1 and VSS are applied
using a resistance voltage divider.
These pins are effective only when the internal resistors for voltage
V1 adjustment are not used (IRS = “L”).
Do not use these pins when the internal resistors for voltage V1
adjustment are used (IRS = “H”).
VS1–
3
O
These are the pins for connecting the negative side of the capacitors
for voltage multiplication.
Connect capacitors between these pins and VC3+, VC5+.
VS2–
3
O
These are the pins for connecting the negative side of the capacitors
for voltage multiplication.
Connect capacitors between these pins and VC4+, VC6+.
VC3+
3
O
These are the input pins for voltage multiplication.
Apply the voltage equal to VIN to the pins or leave them open,
depending on voltage multiplication values.
Power
supply
circuit
VC4+
3
O
These are the pins for connecting the positive side of the capacitors
for voltage multiplication.
Connect capacitors between VS2– and these pins.
For 3-time voltage multiplication, the pins are configured as inputs for
voltage multiplication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com