Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 50Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 51Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 52Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 53Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 54Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 55Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 56Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 57Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
54/76
EXAMPLES OF SETTINGS FOR THE INSTRUCTIONS
When Using the Internal Power Supply Immediately After Power-on
*(a): Carry out power control set within 5ms after releasing the reset state.
The 5ms duration changes depending on the panel characteristics and the value of the smoothing
capacitor. We recommend verification of operation using an actual unit.
*(b): When trace resistance in COG mounting does not exist, wait for over 300 ms.
Since this value varies with trace resistance, V1, smoothing capacitors, or voltage multiplier
capacitors in COG mounting, confirm operation on an actual circuit board when using this LSI.
Notes:
Sections to be referred to
*1:
Functional description “Reset circuit”
*2:
Description of operation “LCD bias set”
*3:
Description of operation “ADC select”
*4:
Description of operation “Common output state select”
*5:
Description of operation “Line reversal/frame reversal drive select”
*6:
Functional description “Power supply circuit”, Operation description “Voltage V1 adjustment
internal resistor ratio set”
*7:
Functional description “Power supply circuit”, Description of operation “Electronic
potentiometer”
*8:
Functional description “Power supply circuit”, Description of operation “Power control set”
VDD-VSS Power supply ON when the pin RES = “L”
Power supply stabilization
Release reset state (RES Pin = “H”)
Initial settings state (default)
*1
Wait for more than 300 ms
Function setting using command input (user settings)
LCD bias set
ADC select
Common output state select
Line reversal/frame reversal drive select
*2
*3
*4
*5
Function setting using command input (user settings)
Setting voltage V1 adjustment internal resistor ratio
Electronic potentiometer
*6
*7
*8
*(a)
Function stabilization using command input (user settings)
Power control set
Initial setting state complete
*(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com