Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 63Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 64Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 65Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 66Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 67Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 68Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 69Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 70Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
67/76
REFERENCE DATA
OPEN
R
VIN
VSS
VOUT
+
VC6+
VC4+
VS2
VS1
VC5+
VC3+
+
+
VIN=4.8V
C1
I LOAD
C1
C1
R
R
R
R
R
R
R
ML9058E Chip
Equivalent circuit to 3-time voltage multiplier with trace resistances external to COG-mounted chip
6
7
8
9
10
11
12
13
14
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
R=0Ω
R=100Ω
R=200Ω
Load current ILoad [mA]
ML9058E voltage multiplier load characteristics
- Load current dependency at 3-time multiplication
Evaluation
Conditions
Tj=90
C
Voltage multiplier
Capacitor
C1=1
F
VIN=4.8V,3-time
multiplication
Only a voltage
multiplier circuit
operates by power
control set command
“2C”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com