Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 11Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
12/76
Serial Interface Timing Characteristics
 Serial interface
[VDD = 4.5 to 5.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Serial clock period
tSCYC
200
—
SCL “H” Pulse width
tSHW
75
—
SCL “L” Pulse width
tSLW
75
—
Address setup time
tSAS
50
—
Address hold time
tSAH
100
—
Data setup time
tSDS
50
—
Data hold time
tSDH
50
—
CS setup time
tCSS
100
—
CS hold time
tCSH
100
—
ns
Note 1: The input signal rise and fall times are specified as 15ns or less.
Note 2: All timings are specified taking the levels of 20% and 80% of VDD as the reference.
CS1
(CS2 = “1”)
SCL
SI
A0
tCSS
tSLW
tSDS
tSHW
tCSH
tSAS
tSCYC
tSAH
tSDH
tf
tr
VIL
VIH
VIL
VIL
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com