Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 20Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 21Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 22Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
19/76
Function
Pin name
Number
of pins
I/O
Description
VC5+
3
O
These are the pins for connecting the positive side of the capacitors
for voltage multiplication.
Connect capacitors between VS1– and these pins.
For 2-time voltage multiplication, the pins are configured as inputs
for voltage multiplication.
Power
supply
circuit
VC6+
3
O
These are the pins for connecting the positive side of the capacitors
for voltage multiplication.
Connect capacitors between VS2– and these pins.
These are the LCD segment drive outputs.
One of the levels among V1, V3, V4, and VSS is selected depending
on the combination of the display RAM content and the FR signal
Output voltage
RAM Data
FR
Forward display Reverse display
H
H
V1
V3
H
L
VSS
V4
L
H
V3
V1
L
L
V4
VSS
Power save
—
VSS
SEG0 to
SEG131
132
O
The output voltage is VSS when the Display OFF command is
executed.
These are the LCD common drive outputs.
One of the levels among V1, V2, V5, and VSS is selected depending
on the combination of the scan data and the FR signal.
Scan data
FR
Output voltage
H
H
VSS
H
L
V1
L
H
V2
L
L
V5
Power save
—
VSS
LCD
Drive
output
COM0 to
COM63
64
O
The output voltage is VSS when the Display OFF command is
executed.
COMS0
COMS1
2
O
These are the common output pins only for indicators. Both pins
output the same signal. Leave these pins open when they are not
used. The same signal is output in both master and slave operation
modes.
Test pin
TEST1
1
O
These are the pins for testing the IC chip. Leave these pins open
during normal use.
DUMMY
67
—
DUMMY-
B
11
—
Leave this pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com