Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 32Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 33Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 34Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 35Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 36Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 37Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 38Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 39Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
36/76
In Figures 10 and 11, the voltage VEV is obtained by the following equation by setting the electronic
potentiometer between 0 and 63.
VEV = (1 - (
/324))  VREG
 = 0: VEV = (1 – (0/324))  3.0 V = 3.0 V
 = 31: VEV = (1 – (31/324))  3.0 V = 2.712 V
 = 63: VEV = (1 – (63/324))  3.0 V = 2.416 V
The increment size of the electronic potentiometer at VEV when VREG = 3.0 is :
3.0 – 2.416
 =
= 9.27 mV (Nominal)
63
When VREG = 3.069 V,
 = 0 : VEV = 3.069 V,  = 63 : VEV = 2.472 V
The increment size is :
3.069 V – 2.472 V
 =
= 9.476 mV
63
When VREG = 2.931 V,
 = 0 : VEV = 2.931 V,  = 63 : VEV = 2.361 V
The increment size is :
2.931 V – 2.361 V
 =
= 9.047 mV
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com