Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 68Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 69Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 70Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 71Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 72Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 73Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 74Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 75Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 76Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
74/76
REFERENCE DATA
(The rise time until V1-V5 is stabilized when command “2F” is input after power-on in COG mounting.)
3.5-time multiplication
0
50
100
150
200
250
300
350
00.5
1
1.5
22.5
33.544.5
5
C1[
F]
C2=0.47uF
C2=1.0uF
Parameter: smoothing capacitor C2
0
50
100
150
200
250
300
350
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
V1 Voltage [V]
R=100Ω
R=200Ω
Parameter: trace resistance external to COG-mounted chip
Reference value of V1-V5 rise stabilization time in ML9058E COG mounting
Conditions: VDD=VIN=4.8V, 3.5-time multiplication, V1=12V, Tj=
40°C to +85°C
Trace resistance external to COG-mounted chip R=150
,
VC3+ is provided by dividing VIN using resistor R=500
Reference value of V1-V5 rise stabilization time in ML9058E COG mounting
Conditions: VDD=VIN=4.8V, 3.5-time multiplication, Tj=
40°C to +85°C,
Voltage multiplier capacitor C1=3.3
F, smoothing capacitor C2=1F
VC3+ is provided by dividing VIN using resistor R=500Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com