Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 12Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
16/76
Function
Pin name
Number
of pins
I/O
Description
This is the pin for selecting parallel data input or serial data input.
P/S = “H”: Parallel data input.
P/S = “L”: Serial data input.
The pins of the LSI have the following functions depending on the
state of P/S input.
P/S
Data/command
Data
Read/Write
Serial clock
“H”
A0
DB0 to DB7
RD, WR
—
“L”
A0
SI (D7)
—
SCL(DB6)
MPU
Interface
P/S
1
I
During serial data input, it is not possible to read the display data in
the RAM
Oscillator
circuit
CLS
1
I
This is the pin for selecting whether to enable or disable the internal
oscillator circuit for the display clock.
CLS = “H”: The internal oscillator circuit is enabled.
CLS = “L”: The internal oscillator circuit is disabled (External input).
When CLS = “L”, the display clock is input at the pin CL.
This is the pin for selecting whether master operation or slave
operation is made towards the ML9058E. During slave operation,
the synchronization with the LCD display system is achieved by
inputting the timing signals necessary for LCD display.
M/S = “H”: Master operation
M/S = “L”: Slave operation
The functions of the different circuits and pins will be as follows
depending on the states of M/S and CLS signals.
M/S
CLS
Oscillator
circuit
Power
supply circuit
CL
FR
FRS
DOF
“H”
Enabled
Enabled
Output
Output
Output
Output
“H”
“L”
Disabled
Enabled
Input
Output
Output
Output
“H”
Disabled
Disabled
Input
Input
Output
Input
“L”
“L”
Disabled
Disabled
Input
Input
Output
Input
Display
timing
generator
circuit
M/S
1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com