Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 13Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 14Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 15Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 20Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
17/76
Function
Pin name
Number
of pins
I/O
Description
This is the clock input/output pin.
The function of this pin will be as follows depending on the states of
M/S and CLS signals.
M/S
CLS
CL
“H”
Output
“H”
“L”
Input
“H”
Input
“L”
“L”
Input
CL
1
I/O
When the ML9058E is used in the master/slave mode, the
corresponding CL pin has to be connected.
FR
1
I/O
This is the input/output pin for LCD display frame reversal signal.
M/S = “H”: Output
M/S = “L”: Input
When the ML9058E is used in the master/slave mode, the
corresponding FR pin has to be connected.
DOF
1
I/O
This is the blanking control pin for the LCD display.
M/S = “H”: Output
M/S = “L”: Input
When the ML9058E is used in the master/slave mode, the
corresponding DOF pin has to be connected.
Display
timing
generator
circuit
FRS
1
O
This is the output pin for static drive.
This pin is used in combination with the FR pin.
IRS
1
I
This is the pin for selecting the resistor for adjusting the voltage V1.
IRS = “H”: The internal resistor is used.
IRS = “L”: The internal resistor is not used. The voltage V1 is
adjusted using the external potential divider resistors connected to
the pins VR. This pin is effective only in the master operation. This
pin is tied to the “H” or the “L” level during slave operation.
VDD
12
—
These pins are tied to the MPU power supply pin VCC.
VSS
12
—
These are the 0 V pins connected to the system ground (GND).
Power
supply
circuit
VIN
5
—
These are the reference power supply pins of the voltage multiplier
circuit for driving the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com