Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 24Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 25Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 26Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 27Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 28Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 29Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 30Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 31Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
28/76
Common Output State Selection Circuit (see Table 7)
Since the common output scanning directions can be set using the common output state selection command in the
ML9058E, it is possible to reduce the IC placement restrictions at the time of assembling LCD modules.
Table 7 Common output state settings
State
Common Scanning direction
Forward Display
COM0
 COM63
Reverse Display
COM63
 COM0
LCD Drive Circuit
This LSI incorporates 181 sets of multiplexers for the ML9058E, that generate 4-level outputs for driving the LCD.
These output the LCD drive voltage in accordance with the combination of the display data, common scanning
signals, and the FR signal. Fig. 6 shows examples of the segment and common output waveforms in the frame
reversal drive method.
Static Indicator Circuit
The FR pin is connected to one side of the LCD drive electrode of the static indicator and the FRS pin is connected
to the other side.
The static indicator display is controlled by a command only independently of other display control commands.
The electrode of the static indicator should has a wiring pattern that is distant from the dynamic drive electrode.
If the wiring pattern is placed too near to the dynamic drive electrode, the LCD and electrode may be degraded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com