Electronic Components Datasheet Search
  English  ▼

X  

ML9058E Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # ML9058E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9058E Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button ML9058E Datasheet HTML 48Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 49Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 50Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 51Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 52Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 53Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 54Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 55Page - List of Unclassifed Manufacturers ML9058E Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
FEDL9058E-01
LAPIS Semiconductor
ML9058E
52/76
 Sleep state
In this state, all the operations of the LCD display system are stopped and it is possible to reduce the current
consumption to a level near the idle state current consumption unless there are accesses from the MPU. The
internal conditions in the sleep state are as follows:
(1) The oscillator circuit and the LCD power supply are stopped.
(2) All the LCD drive circuits are stopped and the segment and common driver outputs will be at the VSS level.
 Standby state
All operations of the dynamic LCD display section are stopped, only the static display circuits for the indicators
operate and hence the current consumption will be the minimum necessary for static drive. The internal conditions
in the standby state are as follows:
(1) The power supply circuit for LCD drive is stopped. The oscillator circuit will be operating.
(2) The LCD drive circuits for dynamic display are stopped and the segment and common driver outputs will be at
the VSS level. The static display section will be operating.
Note: When using an external power supply, stop external power supply at power save start-up.
For example, when providing each level of LCD drive voltage with external voltage divider, add a circuit
for cutting off current flowing through the resistors of the voltage divider when initiating power save.
The ML9058E has LCD display blanking control pin, DOF, which goes "L" at power save start-up. The
external power supply can be stopped using DOF output.
NOP (Write)
This is a No Operation command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
1
1
0
0
0
1
1
Test (Write)
This is a command for testing the IC chip. Do not use this command. When the test command is issued by mistake,
this state can be released by issuing a NOP command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
1
1
1
*
*
*
*
*: Invalid data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com