Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 14 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82503 Datasheet HTML 10Page - Intel Corporation 82503 Datasheet HTML 11Page - Intel Corporation 82503 Datasheet HTML 12Page - Intel Corporation 82503 Datasheet HTML 13Page - Intel Corporation 82503 Datasheet HTML 14Page - Intel Corporation 82503 Datasheet HTML 15Page - Intel Corporation 82503 Datasheet HTML 16Page - Intel Corporation 82503 Datasheet HTML 17Page - Intel Corporation 82503 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
82503
The transmit to receive loopback function is disabled
when the jabber function or link integrity function is
inhibiting transmission
38 SQE Test Function
The 82503 supports the SQE test function when in
TPE mode or in Diagnostic Loopback mode The
82503 will assert its CDT pin within 06 msto1 6 ms
after the end of a transmission and it will remain
asserted for 5- to 15-bit times If the 82503 is in the
TPE mode and is not in diagnostic loopback mode
the link integrity function will disable the SQE test
function when it detects a bad link
39 Port Selection
The 82503 features both manual and automatic port
selection To enable automatic port selection con-
nect APORT to VCC The 82503 then starts in TPE
mode and monitors link integrity If the link is good
the 82503 stays in TPE mode and pulls TPEAUI
high to indicate that the TPE port was selected If
link integrity fails the 82503 switches to AUI mode
and pulls TPEAUI low to indicate that the AUI port
is now active TPEAUI can drive an LED to indicate
port selection (on for AUI off for TPE mode) Note
that LILED will be on if TPE mode is selected and off
if AUI mode is selected If link integrity is disabled
while automatic port selection is enabled the 82503
defaults to TPE mode If the 82503 changes ports
while RTS is active transmission is terminated with
an End of Frame marker on the old port Transmis-
sion of the remaining packet fragment is not allowed
on the new port Transmissions will begin with a
complete data packet
The port can be manually selected by driving
APORT low TPEAUI e 0 selects AUI mode and
TPEAUI e 1 TPE mode When the port is manually
selected the circuitry for the unused port is powered
down Changing ports requires 100 ms to allow the
circuitry for the new port to resume normal opera-
tion
Table 1 Port Selection
Configuration
State
LID APORT TPEAUI
X
0
0
AUI (TPE Port Powered Down)
X
0
1
TPE (AUI Port Powered Down)
01
X
Automatic Port Selection
11
X
TPE
NOTE
TPEAUI is an output pin when APORT e 1
310 LED Description
The 82503 supports six LED pins to indicate the
status
of
important
states
TPEAUI
TxLED
POLED LILED RxLED COLED Each pin is capable
of directly driving an LED
3101 TPEAUI
When automatic port selection is enabled (APORT is
high) TPEAUI becomes an LED output and turns
off if TPE mode is selected and on if AUI mode is
selected
3102 TxLED
Transmit status This LED is normally off and flashes
at 25 Hz 5 Hz and 10 Hz to indicate respectively a
low medium and high rate of transmit activity
3103 RxLED
Receive LED This LED is normally off and flashes at
25 Hz 5 Hz and 10 Hz to indicate respectively a
low medium and high rate of receive activity
3104 COLED
Collision LED This LED is normally off and flashes
at 25 Hz 5 Hz and 10 Hz to indicate respectively a
low medium and high rate of collision activity
3105 POLED
Polarity Fault This LED is normally off and turns on
to indicate a polarity fault in the receive pair of the
10BASE-T link Operation of this pin is not affected
by the state of the polarity correction function
(APOLXSQ e X)
3106 LILED
Link Integrity status
When Aport is enabled
(APORT e 1) this LED is normally on (driven low)
to indicate the presence of a valid 10BASE-T link
when the TPE port is active The LED will turn off
(driven high) when the link fails When link integrity is
disabled (LID e 1) while APORT is enabled
(APORT e 1) this LED is turned on (driven low) If
APORT is disabled (APORT e 0) and the AUI port is
manually selected (TPEAUI e 0) the LED output is
tristated
311 Polarity Switching
In TPE mode the 82503 monitors receive link beats
and end-of-frame delimiters for a possible receiver
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com