Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 25 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 82503 Datasheet HTML 21Page - Intel Corporation 82503 Datasheet HTML 22Page - Intel Corporation 82503 Datasheet HTML 23Page - Intel Corporation 82503 Datasheet HTML 24Page - Intel Corporation 82503 Datasheet HTML 25Page - Intel Corporation 82503 Datasheet HTML 26Page - Intel Corporation 82503 Datasheet HTML 27Page - Intel Corporation 82503 Datasheet HTML 28Page - Intel Corporation 82503 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
82503
Controller Interface Timings (National Mode)
TRANSMIT TIMINGS
(National)
Symbol
Parameter
Min
Typ
Max
Units
t30
TXC Cycle Time(16)
9999
10001
ns
t31
TXC HighLow Time
40
50
ns
t32
TXC RiseFall Time at 20% to 80%
5
ns
t33
TXD Setup Time to TXC
u
20
ns
t34
TXD Hold Time from TXC
u
0ns
t35
TXE Setup Time to TXC
u
20
ns
t36
TXE Hold Time from TXC
u
0ns
NOTE
16 All delay and width measurements on TxC are made at 15V
290421 – 17
Figure 18 Transmit Timing (National)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com