Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 30 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 82503 Datasheet HTML 26Page - Intel Corporation 82503 Datasheet HTML 27Page - Intel Corporation 82503 Datasheet HTML 28Page - Intel Corporation 82503 Datasheet HTML 29Page - Intel Corporation 82503 Datasheet HTML 30Page - Intel Corporation 82503 Datasheet HTML 31Page - Intel Corporation 82503 Datasheet HTML 32Page - Intel Corporation 82503 Datasheet HTML 33Page - Intel Corporation 82503 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
82503
RECEIVE TIMINGS
(Fujitsu)
Symbol
Parameter
Min
Typ
Max
Units
t80
RCKN Cycle Time
96
100
ns
t81
RCKN HighLow Time(21)
35
50
60
ns
t82
RCKN RiseFall Time at 20% to 80%
5
ns
t83
RXD Setup Time from RCKN
v(21)
20
ns
t84
RXD Hold Time from RCKN
v(21)
10
ns
t85
XCD Assertion Hold Time from RCKN
v(21)
010
ns
t86
XCD Deassertion Hold Time from RCKN
v(21)
120
ns
t87
XCD Deassertion Setup Time from RCKN
v(21)
80
130
ns
t88
RCKN Delay from XCD
u(21)
1400
ns
NOTE
21 Timing measurements are referenced at 15V
290421 – 23
Figure 24 Receive Timings (FujitsuStart of Frame)
290421 – 24
Figure 25 Receive Timings (FujitsuEnd of Frame)
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com