Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 35 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 82503 Datasheet HTML 31Page - Intel Corporation 82503 Datasheet HTML 32Page - Intel Corporation 82503 Datasheet HTML 33Page - Intel Corporation 82503 Datasheet HTML 34Page - Intel Corporation 82503 Datasheet HTML 35Page - Intel Corporation 82503 Datasheet HTML 36Page - Intel Corporation 82503 Datasheet HTML 37Page - Intel Corporation 82503 Datasheet HTML 38Page - Intel Corporation 82503 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
82503
AUI Timings
AUI TRANSMIT TIMINGS
Symbol
Parameter
Min
Typ
Max
Units
t125
TxD to TRMT Pair Steady State Propagation Delay
200
ns
t126
TRMT Pair RiseFall Times
3
5
ns
t127
Bit Cell Center to Bit Cell Center of TRMT Pair
995
100
1005
ns
t128
Bit Cell Center to Bit Cell Boundary of TRMT Pair
495
50
505
ns
t129
TRMT Pair Held at Positive Differential at Start of Idle
200
ns
t130
TRMT Pair Return to s 40 mV from Last Positive Transition
80
m
s
290421 – 33
Figure 34 AUI Transmit Timings
AUI RECEIVE TIMINGS
Symbol
Parameter
Min
Typ
Max
Units
t135
RCV Pair RiseFall Times
10
ns
t136
RCV Pair Bit Cell Center Jitter in Preamble
g
12
ns
t137
RCV Pair Bit Cell CenterBoundary Jitter in Data
g
18
ns
t138
RCV Pair Idle Time after Transmission
8
m
s
t139
RCV Pair Return to Zero from Last Positive Transition
160
ns
t140
CRS Assertion Delay (Intel National Fujitsu Modes)
100
ns
(AMD Mode)
1050
ns
t141
CRS Deassertion Delay
350
ns
t142
CRS Inhibited after Frame Transmission
4
43
5
m
s
290421 – 34
Figure 35 AUI Receive Timings
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com