Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 16 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 82503 Datasheet HTML 12Page - Intel Corporation 82503 Datasheet HTML 13Page - Intel Corporation 82503 Datasheet HTML 14Page - Intel Corporation 82503 Datasheet HTML 15Page - Intel Corporation 82503 Datasheet HTML 16Page - Intel Corporation 82503 Datasheet HTML 17Page - Intel Corporation 82503 Datasheet HTML 18Page - Intel Corporation 82503 Datasheet HTML 19Page - Intel Corporation 82503 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
82503
Table 2 Controller Interface Selection
Intel
National WD
AMD
Fujitsu
82503
Controller
Controllers
Controller
Controllers
Pin
825XX
8390 83C690
7990 (LANCE)
86950 (Etherstar)
83832 (SONIC)
79C900 (ILACC)
CS0(1)
01
1
0
CS1
0
0
1
1
Pin
Pin
Sense
Pin
Sense
Pin
Sense
Pin
Sense
TxC
TxC
Low
TXC
High
TCLK
High
TCKN
Low
TxD
TxD
High
TXD
High
TX
High
TXD
High
RTS
RTS
Low
TXE
High
TENA
High
TEN
High
RxC
RxC
Low
RXC
High
RCLK
High
RCKN
Low
RxD
RxD
High
RXD
High
RX
High
RXD
High
CRS
CRS
Low
CRS
High
RENA
High
XCD
High
CDT
CDT
Low
COL
High
CLSN
High
XCOL
Low
LPBK
LPBK
Low
LPBK
High
LPBK
High
(Note 2)
NOTES
1 CS0 and CS1 are intended to be static pins only Switching CS0 and CS1 during network reception or transmission will
produce unpredictable results
2 Refer to Section 312
40
RESET LOW-POWER AND
TEST MODES
41 Reset
When RESET is asserted the device resets its inter-
nal circuits RESET is required after power up and
before data can be transmitted or received It is al-
lowed any time thereafter but any existing receive or
transmit activity will be lost and all state machines
(Link integrity Jabber and Polarity Correction) re-
turn to their initial states TEST must be held low for
a device reset to prevent entering a test for low pow-
er mode During RESET TxC continues without in-
terruption (in Fujitsu mode both TxC and RxC run
continuously)
42 Low Power and High Impedance
Modes
When RESET is deasserted while both TEST and
JABD are held high the 82503 enters its low power
and high impedance modes The majority of internal
circuitry is powered down and many inputs and out-
puts are three-stated
These pins are
APORT
APOLXSQ LID TPEAUI POLED LILED RTS
LPBK RxD TxD CRS and CDT When either JABD
or TEST is deasserted the device begins a power
on cycle which lasts less than 1 ms During this cy-
cle all inputs are ignored and all transmissions are
disabled If RTS is active when the device returns to
normal operation the remainder of that packet frag-
ment is not transmitted Normal transmissions are
resumed at the start of the first complete data pack-
et
43 Diagnostic Loopback
This is a diagnostic test mode to help in fault isola-
tion and detection Serial NRZ data input on TxD is
Manchester encoded and then looped back through
the Manchester decoder (TMD) appearing at the
RxD output Collision detect is asserted following
each transmission to simulate the SQE test Output
cable drivers and input amplifiers are disconnected
from the controller interface pins while in this mode
The link integrity and polarity fault detection func-
tions are not inhibited by diagnostic loopback mode
If otherwise enabled they continue to function
44 Customer Test Mode
(Continuous AUITPE Transmit)
In this mode the 82503 continuously transmits data
without the intervention of a LAN controller Trans-
mission is at 10 MHz (11-bit pattern) and can occur
on either the TPE or AUI port The jabber timer is
disabled in this mode allowing users to easily test
the 10BASE-T harmonic content specification and
the quality of their analog front end design without
complex software exercisers
Customer Test Modeand Low Power Mode are se-
lected at the deassertion of RESET as shown in the
following table (Note that the 82503 must be in non-
loopback mode before it can enter the customer test
mode)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com