Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 45 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82503 Datasheet HTML 37Page - Intel Corporation 82503 Datasheet HTML 38Page - Intel Corporation 82503 Datasheet HTML 39Page - Intel Corporation 82503 Datasheet HTML 40Page - Intel Corporation 82503 Datasheet HTML 41Page - Intel Corporation 82503 Datasheet HTML 42Page - Intel Corporation 82503 Datasheet HTML 43Page - Intel Corporation 82503 Datasheet HTML 44Page - Intel Corporation 82503 Datasheet HTML 45Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 45 page
background image
82503
44-LEAD QUAD FLATPACK PACKAGE
290421 – 52
Figure 52 44-Lead Quad Flatpack Package
Symbol
Description
Min
Nom
Max
A
Package Height
235
A1
Stand Off
0
060
B
Lead Width
02
03
04
C
Lead Thickness
01
015
02
D1
Package Body
10
E1
Package Body
10
e1
Lead Pitch
065
08
095
D
Terminal Dimension
120
124
128
E
Terminal Dimension
12
124
128
L1
Foot Length
038
058
078
Y
Coplanarity
01
T
Lead Angle
0
10
NOTE
Unless otherwise specified all units are in millimeters
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com