Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 32 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82503 Datasheet HTML 28Page - Intel Corporation 82503 Datasheet HTML 29Page - Intel Corporation 82503 Datasheet HTML 30Page - Intel Corporation 82503 Datasheet HTML 31Page - Intel Corporation 82503 Datasheet HTML 32Page - Intel Corporation 82503 Datasheet HTML 33Page - Intel Corporation 82503 Datasheet HTML 34Page - Intel Corporation 82503 Datasheet HTML 35Page - Intel Corporation 82503 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
82503
290421 – 27
Figure 28 TPE Transmit Timings (Link Test Pulse)
TPE RECEIVE TIMINGS
Symbol
Parameter
Min
Typ
Max
Units
t105
RD to RxD Bit Loss at Start of Packet
4
19
bits
t106
RD to RxD Invalid Bits Allowed at Start of Packet
1
bits
t107
RD to RxD Steady State Propagation Delay
400
ns
t108
RD to RxD Start UP Delay
24
m
s
t109
RD Pair Bit Cell Center Jitter
g
135
ns
t110
RD Pair Bit Cell Boundary Jitter
g
135
ns
t111
RD Pair Held High from Last Valid Positive Transition
230
400
ns
t112
CRS Assertion Delay (Intel NS and Fuji Mode)
700
ns
(AMD Mode)
1500
ns
t113
CRS Deassertion Delay
450
ns
290421 – 28
Figure 29 TPE Receive Timings (Start of Frame)
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com