Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 31 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 82503 Datasheet HTML 27Page - Intel Corporation 82503 Datasheet HTML 28Page - Intel Corporation 82503 Datasheet HTML 29Page - Intel Corporation 82503 Datasheet HTML 30Page - Intel Corporation 82503 Datasheet HTML 31Page - Intel Corporation 82503 Datasheet HTML 32Page - Intel Corporation 82503 Datasheet HTML 33Page - Intel Corporation 82503 Datasheet HTML 34Page - Intel Corporation 82503 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
82503
TPE Timings
TPE TRANSMIT TIMINGS
Symbol
Parameter
Min
Typ
Max
Units
t90
TxD to TD Bit Loss at Start of Packet
2
bits
t91
TxD to TD Steady State Propagation Delay
400
ns
t92
TxD to TD Startup Delay
600
ns
t93
TDH and TDL Pairs Edge Skew (
VCC 2)
15
3
ns
t94
TDH and TDL Pairs RiseFall Times (
05V to VCC b 05V)
2
5
ns
t95
TDH and TDL Pairs Bit Cell Center to Center
99
100
101
ns
t96
TDH and TDL Pairs Bit Cell Center to Boundary
49
50
51
ns
t97
TDH and TDL Pairs Return to Zero from Last TDH
u
250
400
ns
t98
Link Test Pulse Width
98
100
102
ns
t99
Last TD Activity to Link Test Pulse
8
13
24
ms
t100
Link Test Pulse to Data Separation
190
200
ns
290421 – 25
Figure 26 TPE Transmit Timings (Start of Frame)
290421 – 26
Figure 27 TPE Transmit Timings (End of Frame)
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com