Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 29 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82503 Datasheet HTML 25Page - Intel Corporation 82503 Datasheet HTML 26Page - Intel Corporation 82503 Datasheet HTML 27Page - Intel Corporation 82503 Datasheet HTML 28Page - Intel Corporation 82503 Datasheet HTML 29Page - Intel Corporation 82503 Datasheet HTML 30Page - Intel Corporation 82503 Datasheet HTML 31Page - Intel Corporation 82503 Datasheet HTML 32Page - Intel Corporation 82503 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
82503
Controller Interface Timings (Fujitsu Mode)
TRANSMIT TIMINGS
(Fujitsu)
Symbol
Parameter
Min
Typ
Max
Units
t70
TCKN Cycle Time
9999
10001
ns
t71
TCKN HighLow Time(20)
40
50
ns
t72
TCKN RiseFall Time at 20% to 80%
5
ns
t73
TXD Setup Time to TCKN
v(20)
20
ns
t74
TXD Hold Time from TCKN
v(20)
0ns
t75
TEN Setup Time to TCKN
v(20)
20
ns
t76
TEN Hold Time from TCKN
v(20)
0ns
NOTE
20 Timing measurements are referenced at 15V level
290421 – 22
Figure 23 Transmit Timings (Fujitsu)
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com