Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 19 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 82503 Datasheet HTML 15Page - Intel Corporation 82503 Datasheet HTML 16Page - Intel Corporation 82503 Datasheet HTML 17Page - Intel Corporation 82503 Datasheet HTML 18Page - Intel Corporation 82503 Datasheet HTML 19Page - Intel Corporation 82503 Datasheet HTML 20Page - Intel Corporation 82503 Datasheet HTML 21Page - Intel Corporation 82503 Datasheet HTML 22Page - Intel Corporation 82503 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
82503
Make power supply and ground traces as thick as
possible This will reduce high-frequency cross cou-
pling caused by the inductance of thin traces
Connect logic and chassis ground together
Separate and decouple all of the analog and digital
power supply lines
Close signal paths to ground as close as possible to
their sources to avoid ground loops and noise cross
coupling
Use high-loss magnetic beads on power supply dis-
tribution lines
Crystal
The crystal should be adjacent to the 82503 and
trace lengths should be as short as possible The X1
and X2 traces should be symmetrical
82503 Analog Differential Signals
The differential signals from the 82503 to the trans-
formers
analog front end
and the connectors
should be symmetrical for each pair and as short as
possible Differential signal layout should be per-
formed to a characteristic impedance of 78X (for
AUI) or 100X (for TPE)
As a general rule the trace widths should be one to
three times the distance between the PCB layers to
eliminate excessive trace inductance
The differential signals should also be isolated from
the high speed logic signals on the same layer as
well as on any sublayers of the PCB
Group each of the circuits together but keep them
separate from each other Separate their grounds
In layout the circuitry from the connectors to the
filter network should have the ground plane re-
moved from beneath it This will prevent ground
noise from being induced into the analog front end
All trace bends should not exceed 45 degrees
60
PACKAGE THERMAL
SPECIFICATIONS
The 82503 Dual Serial Transceiver is specified for
operation when case temperature (TC) is within the
range of 0 Cto a85 C The case temperature can
be measured in any environment to determine if the
82503 is within the specified operating range The
case temperature should be measured at the center
of the top surface opposite the pins
The acceptable operating ambient temperature (TA)
is guaranteed as long as TC is not violated The am-
bient temperature can be calculated from the ija
and ijc from the following equations
TJ e TC a P c ijc
TJ e TA a P c ija
TA e TC b P c (ija b ijc)
Values for ija and ijc are given in Table 4 for the 44-
lead PLCC and 44-lead QFP packages Various val-
ues for ija at different airflows Table 5 shows the
maximum TA allowable (without exceeding TC)at
various airflows
Table 4 Thermal Resistance
( CWatt) ijc and ija
ija vs Airflowftmin (ms)
Package ijc 0
200
400
600
800
1000
(0) (101) (203) (304) (406) (507)
44-Lead
19 57
48
43
41
39
37
PLCC
44-Lead
26 98
94
78
70
66
64
QFP
Table 5 Maximum TA at Various Airflows
ija vs Airflowftmin (ms)
Package
0
200
400
600
800
1000
(0)
(101)
(203)
(304)
(406)
(507)
44-Lead
66
71
73
74
75
76
PLCC
44-Lead
49
51
59
63
65
66
QFP
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com