Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 15 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 82503 Datasheet HTML 11Page - Intel Corporation 82503 Datasheet HTML 12Page - Intel Corporation 82503 Datasheet HTML 13Page - Intel Corporation 82503 Datasheet HTML 14Page - Intel Corporation 82503 Datasheet HTML 15Page - Intel Corporation 82503 Datasheet HTML 16Page - Intel Corporation 82503 Datasheet HTML 17Page - Intel Corporation 82503 Datasheet HTML 18Page - Intel Corporation 82503 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
82503
290421 – 6
Figure 7 Polarity Fault State Diagram
polarity error due to crossed wires If Pin 4 of the
82503 is high and the TPE receive pins are re-
versed the 82503 will correct the error by reversing
the signals internally and turn POLED on (low) to
indicate that the fault has been detected and cor-
rected The polarity correction function is defeatable
by driving the APOLXSQ input low However the
polarity fault will continue to be indicated on the
POLED
312 Controller Interface
Connecting the 82503 to one of the Intel Ethernet
controllers (82586 82590 82593 82596) requires
no additional components Simply drive CS0 and
CS1 both low and connect TxC TxD RTS RxC
RxD CRS CDT and LPBK to the corresponding
controller pins
The 82503 also works with other Ethernet control-
lers without additional components including the
National Semiconductor 8390 and 83932 (SONIC)
Western Digital 83C690 Fujitsu 86950 (Etherstar)
depending on the state of and CS0 and CS1 inputs
The interface of the 82503 to the AMD 7990
(LANCE) requires external logic to control the LPBK
pin of the 82503 Note that when an AMD LAN con-
troller is used to interface to the 82503 the LPBK
pin of the 82503 becomes active high That is the
82503 enters diagnostic loopback mode when LPBK
pin is high and is in normal operation mode when
LPBK pin is low
The logic sense of the 82503 controller pins will
change and should be connected to the controller
pins according to the following table
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com