Electronic Components Datasheet Search
  English  ▼

X  

82503 Datasheet(PDF) 24 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 82503 Datasheet HTML 20Page - Intel Corporation 82503 Datasheet HTML 21Page - Intel Corporation 82503 Datasheet HTML 22Page - Intel Corporation 82503 Datasheet HTML 23Page - Intel Corporation 82503 Datasheet HTML 24Page - Intel Corporation 82503 Datasheet HTML 25Page - Intel Corporation 82503 Datasheet HTML 26Page - Intel Corporation 82503 Datasheet HTML 27Page - Intel Corporation 82503 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
82503
RECEIVE TIMING
(Intel)
Symbol
Parameter
Min
Typ
Max
Units
t20
RxC Cycle Time
96
100
ns
t21
RxC High Time
36
ns
t22
RxC Low Time
40
ns
t23
RxC RiseFall Time
5
ns
t24
RxC Delay from CRS
v
1100
1400
ns
t25
RxD RiseFall Time
5
ns
t26
RxD Setup from RxC
v
30
ns
t27
RxD Hold from RxC
v
30
ns
t28
CRS Deassertion Hold Time from RxC High
10
40
ns
290421 – 16
Figure 17 Receive Timing (Intel)
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com