Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 16 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 12Page - Intel Corporation 82802AB Datasheet HTML 13Page - Intel Corporation 82802AB Datasheet HTML 14Page - Intel Corporation 82802AB Datasheet HTML 15Page - Intel Corporation 82802AB Datasheet HTML 16Page - Intel Corporation 82802AB Datasheet HTML 17Page - Intel Corporation 82802AB Datasheet HTML 18Page - Intel Corporation 82802AB Datasheet HTML 19Page - Intel Corporation 82802AB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
16
Datasheet
Interface
Symbol
Type
Intel
FWH
A/A Mux
Name and Function
VPP
PWR
X
X
Block Erase/Program Power Supply. For erasing array blocks or
programming data. VPP
= 3.3 V or 12 V VPP. With VPP ≤ VPPLK,
memory contents cannot be altered. Attempting a block erase or
program with an invalid VPP (see DC Characteristics) will produce
spurious results and should not be attempted. VPP may only be held
at 12 V for 80 hours over the lifetime of the device.
VCC
PWR
X
X
Device Power Supply. Internal detection automatically configures
the device for optimized read performance. Do not float any power
pins. With VCC
≤ VLKO, all attempts to write to flash memory are
inhibited. Device operations at invalid VCC voltages (see DC
Characteristics) produce spurious results and should not be
attempted.
GND
PWR
X
X
Ground. Do not float any ground pins.
VCCa
PWR
X
X
Analog Power Supply. This supply should share the same system
supply as VCC.
GNDa
PWR
X
X
Analog Ground. Should be tied to same plane as GND.
RFU
X
Reserved For Future Use. These pins are reserved for future
generations of this product. They may be left disconnected or driven.
If they are driven, the voltage levels should satisfy VIH and VIL
requirements.
A/A Mux = DQ[7:4]
NC
X
X
No Connect. Pin may be driven or floated. If it is driven, the voltage
levels should satisfy VIH and VIL. No connects appear only on the
40ld TSOP package.
Ry/By#
0
X
Ready/Busy. Valid only in A/A Mux Mode. This output pin is a
reflection of bit 7 in the Status Register. This pin is used to
determine block erase or program completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com