Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 33 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 29Page - Intel Corporation 82802AB Datasheet HTML 30Page - Intel Corporation 82802AB Datasheet HTML 31Page - Intel Corporation 82802AB Datasheet HTML 32Page - Intel Corporation 82802AB Datasheet HTML 33Page - Intel Corporation 82802AB Datasheet HTML 34Page - Intel Corporation 82802AB Datasheet HTML 35Page - Intel Corporation 82802AB Datasheet HTML 36Page - Intel Corporation 82802AB Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
33
5.
Electrical Specifications
5.1.
Absolute Maximum Ratings
Case temperature under bias:......................... –10 °C to +85 °C
Storage temperature: ................................... –65 °C to +125 °C
Supply voltage with respect to VSS ..................-0.2 V to 4.1 V
Voltage On Any Pin (except VPP):–0.5 V to +VCC + 0.5 V(1,2,5)
VPP voltage: ........................................... –0.5 V to +14.0 V(1,2,4)
Output short-circuit current: ...................................... 100 mA(3)
*WARNING: Stressing the device
beyond the “Absolute Maximum
Ratings”
may
cause
permanent
damage. These are stress ratings
only.
Operation
beyond
the
“Operating
Conditions”
is
not
recommended and extended exposure
beyond the “Operating Conditions”
may affect device reliability.
Note:
1. All specified voltages are with respect to GND. The minimum DC voltage on the VPP pin is –0.5 V.
During transitions, this level may undershoot to –2.0 V for periods of <20 ns. During transitions,
this level may overshoot to VCC + 2.0 V for periods of <20 ns.
2. The maximum DC voltage on V
PP may overshoot to +14.0 V for periods of <20 ns.
3. Output shorted for no more than one second. No more than one output is shorted at a time. This
note applies only to non-PCI outputs.
4. Connection to supply of VHH is allowed for a maximum cumulative period of 80 hours.
5. Do not violate processor or chipset limitations on the INIT# pin.
5.2.
Operating Conditions
Table 7.
Temperature and VCC
Symbol
Parameter
Notes
Min.
Max.
Unit
Test Condition
TC
Operating temperature
1
0
+85
°C
Case temperature
VCC
VCC supply voltage (3.3 V ± 0.3 V)
3.0
3.6
V
Note:
1. This temperature requirement differs from the normal commercial operating condition of flash
memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com