Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 37 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 37 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 33Page - Intel Corporation 82802AB Datasheet HTML 34Page - Intel Corporation 82802AB Datasheet HTML 35Page - Intel Corporation 82802AB Datasheet HTML 36Page - Intel Corporation 82802AB Datasheet HTML 37Page - Intel Corporation 82802AB Datasheet HTML 38Page - Intel Corporation 82802AB Datasheet HTML 39Page - Intel Corporation 82802AB Datasheet HTML 40Page - Intel Corporation 82802AB Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
37
5.2.3.
Intel FWH Interface AC Timing Specifications
5.2.3.1.
Clock Specification
Table 11.
Clock Specification
Symbol
Parameter
Condition
Min.
Max.
Units
Notes
tcyc
CLK cycle time
30
∞
ns
1
thigh
CLK high time
11
ns
tlow
CLK low time
11
ns
-
CLK slew rate
Peak-to-peak
1
4
V/ns
-
RST# or INIT# slew rate
50
mV/ns
2
Note:
1. PCI components must work with any clock frequency between nominal DC and 33 MHz.
Frequencies less than 16 MHz may be guaranteed by design rather than testing. Refer to the PCI
specificaiton.
2. Applies only to the rising edge of the signal. See Chapter 4 of the PCI electrical specification.
Figure 7.
Clock Waveform
0.3 Vcc
0.4 Vcc
0.5 Vcc
0.2 Vcc
0.6 Vcc
T_cyc
T_high
T_low
0.4 Vcc, p-to-p
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com