Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 29 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 25Page - Intel Corporation 82802AB Datasheet HTML 26Page - Intel Corporation 82802AB Datasheet HTML 27Page - Intel Corporation 82802AB Datasheet HTML 28Page - Intel Corporation 82802AB Datasheet HTML 29Page - Intel Corporation 82802AB Datasheet HTML 30Page - Intel Corporation 82802AB Datasheet HTML 31Page - Intel Corporation 82802AB Datasheet HTML 32Page - Intel Corporation 82802AB Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
29
4.11.2.
Initializing the RNG Device
Once the RNG device is detected, it must be enabled and should be tested before use.
Step 1:
The RNG Enabled bit (bit 0) of the Hardware Status register must be set to enable the
RNG device.
Step 2:
Once the RNG is enabled, an initial read of the RNG Data register should be made to
clear any preexisting data from the register.
Step 3:
A test (e.g., FIPS 140-1) should be run on the RNG Device. This test will ensure that
there was no error in detecting the device and that the device is functioning properly.
4.11.3.
Selecting Appropriate FWH IDs and Densities
It is possible, using different ID strapping, to use multiple FWH components in a system. While the
FWH protocol supports up to 16 FWH devices, the BIOS support, bus loading or the attaching bridge
may limit this number. Note that, regardless of the number of FWH components, the maximum
“window” of the FWH array visible at one time is 4 MB (for Intel® ICH1) and 8MB for Intel® ICH2. The
boot device must have an ID (as determined by ID [0:3]) of 0. For clarity, it is advisable that subsequent
devices use incremental numbering.
The most straightforward method of using multiple FWH components is to use devices of equal density.
This is the recommended technique.
In special applications, when it is desirable to use multiple FWH components of different densities—if
multiple RNGs or more GPIs are required, for instance, without the need for greater array space—IDs
must be chosen such that component memory array spaces do not cross the boundaries delimited by the
highest-capacity device, as illustrated in the following table.
For example, in a design with 8- and 4-Mbit components, the 8-Mbit part must either be first or must be
after enough 4-Mbit parts to add up to a multiple of 8 Mbits.
Yes
No
Yes
8 Mbits
4 Mbits
4 Mbits
8 Mbits
4 Mbits
4 Mbits
8 Mbits
Biggest is
8 Mbits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com