Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 17 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 13Page - Intel Corporation 82802AB Datasheet HTML 14Page - Intel Corporation 82802AB Datasheet HTML 15Page - Intel Corporation 82802AB Datasheet HTML 16Page - Intel Corporation 82802AB Datasheet HTML 17Page - Intel Corporation 82802AB Datasheet HTML 18Page - Intel Corporation 82802AB Datasheet HTML 19Page - Intel Corporation 82802AB Datasheet HTML 20Page - Intel Corporation 82802AB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
17
3.
Interface Operation Description
3.1.
Read
Memory information, identifier codes, GPI registers or the status register can be read, regardless of the
V
PP voltage. Commands using the read mode include: reading memory from the array, reading the
identifier codes, reading the status register, reading the lock bit registers, reading the random number
generator, reading the GPI registers, and reading the RNG status register. Upon initial device power-up
or after exit from reset, the device automatically resets to read array mode.
3.2.
Write
Writes to the memory array’s CUI are initiating by issuing a write through the Intel FWH interface. (See
the following information on timing and Intel FWH cycle write protocol specifics.) The CUI does not
occupy a single, specific memory location—any valid address may be given. However, certain
commands, such as block erase, require the address be within the range of the desired address block.
3.3.
Output Disable
When the Intel FWH is not selected through a FWH read or write cycle, the Intel FWH interface outputs
(FWH[3:0]) are disabled and is placed in a high-impedance state.
3.4.
Reset
RST# or INIT# at VIL initiates a device reset. In the read mode, RST# or INIT# low deselects the
memory, places output drivers in a high-impedance state, and turns off all internal circuits. RST# or
INIT# must be held low for time tPLPH (A/A Mux and FWH operation). The Intel FWH resets to read
array mode upon return from reset, and all blocks are set to default (locked) status (see 4.9.1), regardless
of their locked state prior to reset.
During block erase or program, driving RST# or INIT# low will abort the operation underway, in
addition to causing a reset latency. Memory contents being altered are no longer valid, since the data may
be partially erased or programmed.
It is important to assert RST# or INIT# during system reset. When the system comes out of reset, it will
expect to read from the memory array of the device. If a system reset occurs with no FWH reset—this is
hardware dependent—it is possible that proper processor initialization will not occur. (The Intel FWH
memory may be providing status information instead of memory array data.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com