Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 48 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 44Page - Intel Corporation 82802AB Datasheet HTML 45Page - Intel Corporation 82802AB Datasheet HTML 46Page - Intel Corporation 82802AB Datasheet HTML 47Page - Intel Corporation 82802AB Datasheet HTML 48Page - Intel Corporation 82802AB Datasheet HTML 49Page - Intel Corporation 82802AB Datasheet HTML 50Page - Intel Corporation 82802AB Datasheet HTML 51Page - Intel Corporation 82802AB Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
48
Datasheet
6.2.4.
Read Identifier Codes Operation
The read identifier codes operation outputs the manufacturer and device codes (see Table 4). Using the
manufacturer and device codes, automated test equipment (ATE) or PROM programmer software can
confirm the proper device ID.
6.2.5.
Write Operation
The CUI does not occupy a specific addressable memory location. It is written to when WE# is active
and OE# = VIH. The address previously captured by R/C# transitions and the data needed to execute a
command are latched on the WE# rising edge.
Table 21.
Bus Operations
Mode
Notes
RST#
OE#
WE#
Address
VPP
DQ[0:7]
Read
1,2,6
VIH
VIL
VIH
X
X
DOUT
Output Disable
6
VIH
VIH
VIH
X
X
High Z
Read Identifier Codes
3,6
VIH
VIL
VIH
Note 3
X
Note 3
Write
4,5,6
VIH
VIH
VIL
X
X
DIN
Note:
1.
When VPP
≤ VPPLK, the memory contents can be read, but not altered.
2. X can be V
IL or VIH for the control and address input pins and VPPLK or VPPH1/2 for the VPP supply
pin. See the DC characteristics for the VPPLK and VPPH1/2 voltages.
3. See Table 4 for the read identifier code data and addresses.
4. Command writes involving block erase or program are reliably executed when VPP = VPPH1/2 and
VCC = VCC ± 0.3 V.
5. Refer to Table 2 for the valid DIN during a write operation.
6. VIH and VIL refer to the DC Characteristics associated flash memory output buffers:
VIL min = -0.5V, VIL max = 0.8V and VIH min = 2.0V, VIH max = VCC + 0.5V.
6.3.
Command Definitions
Flash core programming commands in A/A Mux mode are identical to commands for the FWH mode.
Refer to Section 4 of this document.
6.4.
Electrical Characteristics in A/A Mux Mode
Certain specifications differ from the previous sections, when programming in the A/A Mux mode. The
following subsections provide this data. Any information not provided here is not specific to the A/A
Mux mode. Refer to Section 5 of this document and use the Intel FWH mode specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com