Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 22 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 22 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 18Page - Intel Corporation 82802AB Datasheet HTML 19Page - Intel Corporation 82802AB Datasheet HTML 20Page - Intel Corporation 82802AB Datasheet HTML 21Page - Intel Corporation 82802AB Datasheet HTML 22Page - Intel Corporation 82802AB Datasheet HTML 23Page - Intel Corporation 82802AB Datasheet HTML 24Page - Intel Corporation 82802AB Datasheet HTML 25Page - Intel Corporation 82802AB Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
22
Datasheet
4.5.
Block Erase Command
The erase command operates on one block at a time. This command requires an (arbitrary) address
within the block to be erased. Recall that erasure changes all block data to FFh. Block preconditioning,
erase, and erase verify are handled internally by the WSM, which is transparent to the system. After
issuing the erase command, the device automatically outputs status register data when read. When the
block erase completes, the status register may be checked. If the FWH detects a block erase error, the
status register should be cleared before system software attempts corrective actions. After a block erase,
the CUI remains in read status register mode until a new command is issued.
Successful block erasure requires that the corresponding block’s write-lock-bit is cleared, and the
corresponding write-protect pin (TBL# or WP#) is inactive. If a block erase is attempted when the block
is locked, the block erase will fail, with the reason for failure in the status register.
Successful block erase only occurs when VPP = VPPH1 or VPPH2. If the erase operation is attempted at
V
PP
≠≠≠≠ VPPH1 or VPPH2, erratic results may occur.
4.6.
Program Command
Program command operates on one byte at a time. This command specifies the address and data to be
programmed. After the CUI receives the command, the WSM takes over, controlling the program and
verify algorithms internally. After the program command is written, the device automatically outputs the
status register data when read. When programming is complete, the status register may be checked. If a
program error is detected, the status register should be cleared before corrective action is taken by the
software. The internal WSM verification error checking only detects 1s that does not successfully
program to 0s. The CUI remains in read status register mode until it receives another command.
Reliable programming only occurs when VPP = VPPH1 or VPPH2. If programming is attempted at
V
PP
≠≠≠≠ VPPH1 or VPPH2, erratic results may occur.
Successful program operation also requires that the corresponding block’s write-lock bit be cleared and
that the corresponding write-protect pin (TBL# or WP#) be inactive. If program operation is attempted
when the block is locked, the operation will fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com