Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 38 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 38 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 34Page - Intel Corporation 82802AB Datasheet HTML 35Page - Intel Corporation 82802AB Datasheet HTML 36Page - Intel Corporation 82802AB Datasheet HTML 37Page - Intel Corporation 82802AB Datasheet HTML 38Page - Intel Corporation 82802AB Datasheet HTML 39Page - Intel Corporation 82802AB Datasheet HTML 40Page - Intel Corporation 82802AB Datasheet HTML 41Page - Intel Corporation 82802AB Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
38
Datasheet
5.2.3.2.
Signal Timing Parameters
Table 12.
Signal Timing Parameters
Symbol
PCI
Symbol
Parameter
Condition
Min.
Max.
Units
Notes
TCHQV
tval
CLK to data out
2
11
ns
1
TCHQX
ton
CLK to active (float to active delay)
2
ns
2
TCHQZ
toff
CLK to inactive (active to float delay)
28
ns
2
TAVCH
TDVCH
tsu
Input setup time
7
ns
3
TCHAX
TCHDX
th
Input hold time
0
ns
3
TVSPL
trst
Reset active time after power stable
1
ms
TCSPL
trst-clk
Reset active time after CLK stable
100
µs
TPLQZ
trst-off
Reset active to output float delay
48
ns
2
Note:
1. Minimum and maximum times have different loads. See PCI spec.
2. For purposes of active/float timing measurements, the Hi-Z or Off state is defined as that in which
the total current delivered through the component pin is less than or equal to the leakage current
specification.
3. This parameter applies to any input type (excluding CLK).
Figure 8.
Output Timing Parameters
T_off
T_val
V_test
T_on
V_th
V_tl
CLK
FWH[3:0]
(Valid Output Data)
FWH[3:0]
(Float Output Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com