Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 30 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 30 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 26Page - Intel Corporation 82802AB Datasheet HTML 27Page - Intel Corporation 82802AB Datasheet HTML 28Page - Intel Corporation 82802AB Datasheet HTML 29Page - Intel Corporation 82802AB Datasheet HTML 30Page - Intel Corporation 82802AB Datasheet HTML 31Page - Intel Corporation 82802AB Datasheet HTML 32Page - Intel Corporation 82802AB Datasheet HTML 33Page - Intel Corporation 82802AB Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
30
Datasheet
4.11.4.
Mapping FWH Devices onto Memory Map
There is 4 MB of available memory space devoted to the FWH. Therefore, the Intel ICH has the ability
to select which FWH device maps into each region of the system address space.
In the existing Intel ICH, the address map is broken up into eight 512-KB segments. The BIOS Select
Register in the Intel ICH is a 32-bit register that contains the needed mapping information, thereby
determining which FWH receives requests from which portion of the address map. For example, in a
system with four 8-Mbit devices, this register would be 00112233h, which is the default power-up state
for this register. In a system with eight 4-Mbit devices, the register must be changed to 01234567h.
Note: The FWH indicated in the most-significant nibble of the register may be shadowed elsewhere in the
system memory map. The FWH with ID 0 may not be re-mapped.
4.11.5.
Paging FWH Devices for Greater Than 4 MB of FWH Memory
In certain applications, even a 4-MB window of flash memory is inadequate. It is possible to exceed this
amount by using a paging scheme. Individual FWH devices may then be “swapped” in and out of system
memory space. This must be implemented at the BIOS level, to permit modification of the Intel ICH
BIOS Select Register. A number of paging algorithms may be used successfully with the FWH memory
space, using the Intel ICH BIOS Select Register. This register, then, determines which FWH device gets
mapped into each 512 KB “slice” of the system memory map. The 0th FWH (ID=0) may not be
remapped. Reference the Intel® 82801AA (ICH) and Intel® 82801AB (ICH0) I/O Controller Hub
Datasheet (order number: 290655) for information regarding these components and the BIOS Select
Register.
Note: The paging of FWH devices will also “page” features, potentially affecting the visibility or location of
the FGPI register (see Section 4.9.2.1) or of an active/ready RNG. When a paging scheme is used, it is
recommended that critical FPGIs be used only on the ID 0 FWH device, which must remain mapped at
the top of memory. Ideally, the RNG driver in a system with more than four FWHs should verify the
mapping of FWHs in order to keep track of which RNGs are active and which are present in the memory
map. There is no convenient way, aside from checking the select register, to determine which IDed FWH
is in which location in the memory map.
4.11.6.
Programming Multiple FWH Devices
Special considerations must be taken into account when programming multiple FWH devices in-system.
Since there is no ID support in the A/A Mux mode, the recommended means of programming multiple
devices is either out-of-system programming with standalone PROM programmers or in-system
programming using the FWH mode. In cases where programming time is critical or ATE programming is
required, provisions should be made to isolate the component from its neighboring devices during A/A
Mux programming, or the other devices should be held in a reset (or otherwise disabled) state until
programming of the intended device is complete. Do not switch one component into the A/A Mux mode,
thereby leaving the others in the FWH mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com