Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 45 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 41Page - Intel Corporation 82802AB Datasheet HTML 42Page - Intel Corporation 82802AB Datasheet HTML 43Page - Intel Corporation 82802AB Datasheet HTML 44Page - Intel Corporation 82802AB Datasheet HTML 45Page - Intel Corporation 82802AB Datasheet HTML 46Page - Intel Corporation 82802AB Datasheet HTML 47Page - Intel Corporation 82802AB Datasheet HTML 48Page - Intel Corporation 82802AB Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
45
5.5.
RNG Parameters
Table 19.
RNG Timing Characteristics
#
Sym
Parameter
Notes
Typ.
Max.
Unit
Write RE = 1 to DWord ready or read DWord to new DWord
ready
1
450
1500
µs
Average sustained throughput
1
13
50
µs/bit
Note:
1. Sampled, not 100% tested.
Table 20.
RNG Statistical Characteristics
#
Sym
Parameter
Notes
Min.
Typ.
Max.
Unit
B2
Fractional probability of excess 1s
1,2,3
±316
10-6
AC
Auto correlation coefficient
3
± 632
10-6
FOM
Figure of merit
3
7.5
17
Note:
1. Sampled, not 100% tested.
Figure 12.
Intel FWH Output Timing Parameters
T_off
T_val
V_test
T_on
V_th
V_tl
CLK
FWH[3:0]
(Valid Output Data)
FWH[3:0]
(Float Output Data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com