Electronic Components Datasheet Search
  English  ▼

X  

82802AB Datasheet(PDF) 31 Page - Intel Corporation

Part # 82802AB
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AB Datasheet(HTML) 31 Page - Intel Corporation

Back Button 82802AB Datasheet HTML 27Page - Intel Corporation 82802AB Datasheet HTML 28Page - Intel Corporation 82802AB Datasheet HTML 29Page - Intel Corporation 82802AB Datasheet HTML 30Page - Intel Corporation 82802AB Datasheet HTML 31Page - Intel Corporation 82802AB Datasheet HTML 32Page - Intel Corporation 82802AB Datasheet HTML 33Page - Intel Corporation 82802AB Datasheet HTML 34Page - Intel Corporation 82802AB Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
31
4.12.
CUI Automation Flowcharts
Figure 6.
Automated Block Erase Flowchart
SR.7 =
0
1
Start
Write 20h,
Block Address
Write D0h,
Block Address
Full Status
Check if Desired
Block Erase
Complete
Full Status Check Procedure
1
Read Status Register
Data (See Above)
1
0
Read Status
Register
1
0
Command Sequence
Error
SR.3 =
SR.5 =
SR.4,5 =
Block Erase
Error
Bus
Operation
Command
Comments
Standby
Check SR.4,5
Both 1 = Command Sequence Error
Standby
SR.5, SR.4, and SR.3 are only cleared by the Clear Status
Register command in cases where multiple blocks are erased
before full status is checked.
If error is detected, clear the Status Register before attempting
retry or other error recovery.
Check SR.5
1 = Block Erase Error
Standby
Bus
Operation
Command
Comments
Write
Write
Erase Setup
Read
Data = 20h
Addr = Within Block to Be Erased
Check SR.7
1 = WSM Ready
0 = WSM Busy
Repeat for subsequent block erasures.
Full status check can be done after each block erase, or after a
sequence of block erasures.
Write FFh after the last operation to place device in read array mode.
Status Register Data
Standby
Erase
Confirm
Data = D0h
Addr = Within Block to Be Erased
Block Erase
Successful
Check SR.3
1 = V
Error Detect
PP
V
Range Error
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com