Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 2Page - STMicroelectronics UM0428 Datasheet HTML 3Page - STMicroelectronics UM0428 Datasheet HTML 4Page - STMicroelectronics UM0428 Datasheet HTML 5Page - STMicroelectronics UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics UM0428 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
STG3P2M10N60B power module characteristics
UM0428
6/27
Warning:
Do not touch the design boards after disconnection from the
voltage supply, as several parts and power terminals which
contain possibly energized capacitors need to be allowed to
discharge.
3
STG3P2M10N60B power module characteristics
The STG3P2M10N60B is a 1-phase bridge rectifier plus a 3-phase inverter IGBT all
included inside a SEMITOP®2 module.
Figure 3.
Power module
●
VCES = 600 V
●
IC = 10 A at 80 °
●
VCE(sat)(max) < 2.5 V at IC=7 A TS=25 °C
3.1
General features
●
N-channel very fast PowerMESH™ IGBT
●
Lower on-voltage drop VCE(sat)
●
Lower CRES / CIES ratio (no cross-conduction susceptibility)
●
Very soft ultra fast recovery antiparallel diode
●
High frequency operation up to 70 KHz
●
New generation products with tighter parameter distribution
●
Compact design
●
Semitop®2 is a trademark of Semikron



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com