Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics UM0428 Datasheet HTML 10Page - STMicroelectronics UM0428 Datasheet HTML 11Page - STMicroelectronics UM0428 Datasheet HTML 12Page - STMicroelectronics UM0428 Datasheet HTML 13Page - STMicroelectronics UM0428 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Board architecture
UM0428
10/27
systems. For instance it is possible for any user to redesign the control board keeping the
compatibility with the power board if the standard MC connector configuration is used.
Figure 6.
MC Connector pin out
Table 4.
Motor control connector
Pin N.
Description
Pin on ST7MC
1
Emergency stop
MCES
2
Ground
VSS
3
High side PWM phase A
MCO0
4
Ground
VSS
5
Low side PWM phase A
MCO1
6
Ground
VSS
7
High side PWM phase B
MCO2
8
Ground
VSS
9
Low side PWM phase B
MCO3
10
Ground
VSS
11
High side PWM phase C
MCO4
12
Ground
VSS
13
Low side PWM phase C
MCO5
14
BUS voltage
AIN1
15
Phase A current
GND
Fault (Shut_Down L6386)
PWM_1H
PWM_1L
PWM_2L
PWM_2H
PWM_3H
PWM_3L
NTC bypass Relay
5V
GND
GND
GND
GND
GND
GND
Current PhaseA
Current PhaseB
Current PhaseC
GND
GND
GND
Dissipative Brake PWM
Bus voltage
Heatsink temperature
GND
PFC PWM
PFC Sync
1
3
5
7
9
11
13
15
17
19
21
23
25
2
4
6
8
10
12
14
16
18
20
22
24
26
27 28
29 30
31 32
33 34
Encoder A
Encoder B
Encoder Index
3V3
GND
GND
Dedicated
ADC[n]
ADC[n+1]
ADC[n+2]
GPIO
GP PWM
GP capture
GP PWM
Dedicated
ADC
ADC
GP Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com