Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0428 Datasheet HTML 1Page - STMicroelectronics UM0428 Datasheet HTML 2Page - STMicroelectronics UM0428 Datasheet HTML 3Page - STMicroelectronics UM0428 Datasheet HTML 4Page - STMicroelectronics UM0428 Datasheet HTML 5Page - STMicroelectronics UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
July 2007
Rev 2
1/27
UM0428
User manual
IGBT Power module evaluation kit - Semitop2 power board
Introduction
The Semitop2 evaluation board STEVAL-IHM011V1 is a complete platform to evaluate
STMicroelectronics power module devices (Semitop 2). Based on a cost effective, flexible
and open design, it is an evaluation platform compatible with the latest STMicroelectronics
microcontroller based solution. It includes the STG3P2M10N60B IGBT Power Module up to
10 amps, 600 voltage (see Note: 1). The STEVAL-IHM011V1 features a motor control
connector (MC-Connector) and hardware features for developing motor control applications
including hardware protection features such as current and thermal protection.
Figure 1.
STEVAL-IHM011V1
Features
■ 34-pin dedicated motor control connector
■ 5-pin Hall sensor/encoder input
■ Tachometer sensor input
■ Support for 5 V or 3.3 V microcontroller
■ Three configurations for current detection:
– 1 shunt resistor
– 3 shunt resistors or
– 3 external ICS (Insulated Current Sensor)
■ Current amplification network
■ BEMF detecting network
■ Hardware current protection
■ Hardware thermal protection (using on board temperature sensor)
■ Resistive brake network
Note:
1
The kit has been designed and tested to work with European mains so maximum 380 VDC.
www.st.com


Similar Part No. - UM0428

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
25-Feb-2008
UM0425 STMICROELECTRONICS-UM0425 Datasheet
347Kb / 11P
STLED316S Front panel LED controller/driver
05-Jun-2007
More results

Similar Description - UM0428

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
logo
STMicroelectronics
STEVAL-IHM011V1 STMICROELECTRONICS-STEVAL-IHM011V1 Datasheet
251Kb / 5P
IGBT power module kit - SEMITOP2® power board
03-Mar-2008
logo
Radiometrix Ltd
NBEK RADIOMETRIX-NBEK Datasheet
591Kb / 10P
Narrow Band Module Evaluation Kit
logo
Murata Manufacturing Co...
SN8200EVK MURATA-SN8200EVK Datasheet
947Kb / 2P
Wi?륡i Module Evaluation Kit
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
18V 6A Step-Down Power Module Evaluation Board
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
EVM3686-RU-00A MPS-EVM3686-RU-00A Datasheet
448Kb / 7P
18V 20A Step-Down Power Module Evaluation Board
logo
NXP Semiconductors
MIMXRT1060 NXP-MIMXRT1060 Datasheet
917Kb / 15P
MIMXRT1060 Evaluation Kit Board
2018
logo
Sharp Corporation
KEV7A400 SHARP-KEV7A400 Datasheet
862Kb / 2P
KEV7A400 Evaluation Board Kit
logo
Wurth Elektronik GmbH &...
178946001 WURTH-178946001 Datasheet
5Mb / 4P
MagI³C Power Module Evaluation Board
Version 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com