Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics UM0428 Datasheet HTML 10Page - STMicroelectronics UM0428 Datasheet HTML 11Page - STMicroelectronics UM0428 Datasheet HTML 12Page - STMicroelectronics UM0428 Datasheet HTML 13Page - STMicroelectronics UM0428 Datasheet HTML 14Page - STMicroelectronics UM0428 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
UM0428
Board architecture
11/27
5.2
Mains connector
A mains connector is used to supply the board. Connect the mains between pin 2 and 3 of
J6.
Pin 1 of J6 is used to connect to earth. It is also possible to connect the chassis of the motor
to pin 1 of J5.
Figure 7.
Mains connector
16
Ground
VSS
17
Phase B current
MCCFI
18
Ground
VSS
19
Phase C current
20
Ground
VSS
21
NTC PYPASS RELAY
22
Ground
VSS
23
Dissipative BRAKE
PC2
24
Ground
VSS
25
5 V
VDD
26
HEATSINK temperature
AIN0
27
PFC SYNC
ICAPx_B
28
3V3
29
PFC PWM
OCMP1_B
30
Ground
VSS
31
ENCODER A
MCIA
32
Ground
VSS
33
ENCODER B
MCIB
34
ENCODER INDEX
MCIC
Table 4.
Motor control connector (continued)
Pin N.
Description
Pin on ST7MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com