Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics UM0428 Datasheet HTML 10Page - STMicroelectronics UM0428 Datasheet HTML 11Page - STMicroelectronics UM0428 Datasheet HTML 12Page - STMicroelectronics UM0428 Datasheet HTML 13Page - STMicroelectronics UM0428 Datasheet HTML 14Page - STMicroelectronics UM0428 Datasheet HTML 15Page - STMicroelectronics UM0428 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Board architecture
UM0428
12/27
5.3
ICS connector
The ICS Connector is used to connect the Insulated current sensor to the board. See
Table 5 for pin out.
Figure 8.
ICS connector
Table 5.
ICS connector pin out
Pin
Function
1
Ground
2
Ground
3
ICS Input C
4
GND ICS Input C
5
ICS Input B
6
GND ICS Input B
7
ICS Input A
8
GND ICS Input A
9+5 V
10
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com