Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 12Page - STMicroelectronics UM0428 Datasheet HTML 13Page - STMicroelectronics UM0428 Datasheet HTML 14Page - STMicroelectronics UM0428 Datasheet HTML 15Page - STMicroelectronics UM0428 Datasheet HTML 16Page - STMicroelectronics UM0428 Datasheet HTML 17Page - STMicroelectronics UM0428 Datasheet HTML 18Page - STMicroelectronics UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Motor control demonstration
UM0428
16/27
Warning:
Any measurement equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the AC supply
AND the oscilloscope. This prevents a shock occurring as a
result of touching any SINGLE point in the circuit, but does
NOT prevent shocks when touching TWO or MORE points in
the circuit.
An isolated AC power supply can be constructed using an isolation transformer and a
variable transformer. A schematic of this AC power supply is in the Application note,
"AN438, TRIAC + Microcontroller: Safety Precautions for Development Tools." (Although
this Application Note was written for TRIAC, the isolation constraints still apply for fast
switching semiconductor devices such as IGBTs.)
7
Isolating the application rather than the oscilloscope is highly recommended in any case.
7.2
Hardware requirements
To set up the IGBT power module eval kit system, the following items are required:
●
The control board: STEVAL-IHM010V1
●
The power board: STEVAL-IHM011V1
●
34-pin flat cable
●
High Voltage isolated AC power supply up to 220 V 10 A
●
Isolated DC power supply up to 30 V 3 A
●
Softec inDART-STX (not included in the package)
●
Softec ICC Isolation board (not included in the package)
●
Two 10-pin flat cable (not included in the package)
●
AC Induction motor Selni (not included in the package)
●
Brushless PM motor Ametek (not included in the package)
●
Insulated oscilloscope (as needed)
●
Insulated multimeter (as needed)
A complete laboratory setup consists of an isolated AC power supply, one AC Induction
motor or one PM Brushless motor, and one isolated power supplies for +15 V (as needed).
See the STEVAL-IHM010V1 user manual for the configuration of the control board before
proceeding.
7.3
Power board setup
7.3.1
Configuring AC input range and shunt resistors configuration
The STEVAL-IHM011V1 power board can be configured for two ranges of AC input voltage:
European standard mains voltage (220 Vac) or American standard mains voltage (110 Vac).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com