Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 3Page - STMicroelectronics UM0428 Datasheet HTML 4Page - STMicroelectronics UM0428 Datasheet HTML 5Page - STMicroelectronics UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics UM0428 Datasheet HTML 10Page - STMicroelectronics UM0428 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
UM0428
Power board electrical characteristics
7/27
4
Power board electrical characteristics
Stresses above the limit shown in Table 2 may cause permanent damage to the device. This
is a stress rating only and functional operation of the device under these conditions is not
implied. Exposure to maximum rating conditions for extended periods may affect device
reliability. 35 V DC Bias Current measurement can be useful to check the working status of
the board. If the measured value is considerably greater than typical value, it means that
some damage has occurred in the board.
3
Before performing the test, the power board must be set up as described in Section 7.3:
Power board setup.
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGS = 0)
600
V
IC
(1)
1.
Calculated value
Collector current (continuous) at Ts = 25 °C
19
A
IC
(1)
Collector current (continuous) at Ts = 80 °C
10
A
VGE
Gate-emitter voltage
±20
V
ICM
(2)
2.
Pulse width limited by max. junction temperature
TP<1 ms; Ts=25 °C
38
A
ICM
TP<1 ms; Ts=80 °C
20
A
IF
Diode RMS forward current at Ts = 25 °C
19
A
PTOT
Total dissipation at Ts = 25 °C
56
W
VISO
Insulation withstand voltage AC
(t=1 min/sec; Ts=25 °C)
2500/3000
V
Tstg
Storage temperature
– 40 to 125
°C
Tj
Operating junction temperature
– 40 to 150
°C
Table 2.
Control board electrical characteristics
Power board electrical characteristics
STEVAL-IHM011V1
Unit
Min
Max
AC Input Voltage J6
without voltage doubler (220 Vac configuration)
24
260
V
with voltage doubler (110 Vac configuration)
12
135
V
DC Input Voltage – J6
35
370
V
DC Bus current
10
A
15 V Auxiliary supply range J8-J9
14
15
V
35 V to J6 Bias current (typical)
50
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com