Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 4Page - STMicroelectronics UM0428 Datasheet HTML 5Page - STMicroelectronics UM0428 Datasheet HTML 6Page - STMicroelectronics UM0428 Datasheet HTML 7Page - STMicroelectronics UM0428 Datasheet HTML 8Page - STMicroelectronics UM0428 Datasheet HTML 9Page - STMicroelectronics UM0428 Datasheet HTML 10Page - STMicroelectronics UM0428 Datasheet HTML 11Page - STMicroelectronics UM0428 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Board architecture
UM0428
8/27
5
Board architecture
The STEVAL-IHM011V1 can be schematized as in Figure 4.
Figure 4.
Power board architecture
The power board is developed around the IGBT power module that contains the inverter
bridge constituted of six IGBT power switches and the AC rectifier bridge (see Figure 3).
The board has been designed to operate with a 5 V or 3.3 V microcontroller so the power
supply stage provides 15 V, 5 V, and 3.3 V voltage reference respectively for the driver and
for the control board and a configuration can be selected by the jumpers.
4
Table 3 indicates the maximum current sourced by the power supply pins of the MC
connector (28 and 25).
The board can be configured to work with three different configurations for current sensing:
●
1 Shunt resistor,
●
3 Shunt resistors or
●
3 Insulated Current Sensor ICS
The amplification network for current sensing is present and configurable for 1 or 3 signals.
In the one-shunt configuration the amplification is positive and the levels of the amplified
signal are compatible with the ST7MC control board STEVAL-IHM010V1 (range 0 V - 5 V).
Table 3.
Maximum values of current sourced by internal voltage regulators
Voltage level
Max current
Unit
+ 5 V
750
mA
+ 3.3 V
900
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com