Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics UM0428 Datasheet HTML 21Page - STMicroelectronics UM0428 Datasheet HTML 22Page - STMicroelectronics UM0428 Datasheet HTML 23Page - STMicroelectronics UM0428 Datasheet HTML 24Page - STMicroelectronics UM0428 Datasheet HTML 25Page - STMicroelectronics UM0428 Datasheet HTML 26Page - STMicroelectronics UM0428 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Motor control demonstration
UM0428
24/27
35
1
J2
2 screw connector
36
1
J3
MC Connector 34 pin double line
37
1
J4
3 screw connector
38
1
J5
2 screw connector
39
1
J6
3 screw connector
40
1
J7
2 screw connector
41
1
J8
2 screw connector
42
1
J9
JACK Power supply 15 V
43
1
J10
ICC Connector 10 pin double line
44
1
LD1
GREEN LED
45
1
L1
1.5 mH .3 A / 1mH .3 A
46
1
L2
1.5 mH .3 A / 1mH .3 A
47
1
M1
STG3P2M10N60B
48
1
NTC1
NTC 10 k
Ω
49
1
NTC2
NTC (5
Ω)
50
1
Q1
2STR2215
51
1
Q2
STGP6NC60HD
52
9
R1,R8,R9,R10,R11,R13,R14,R31,R52
4.7 k
Ω
1/4 W
53
9
R2,R3,R16,R26,R29,R30,R37,R59,R60
180 k
Ω
1/4 W
54
6
R4,R15,R28,R35,R54,R55
560
Ω
1/4 W
55
6
R5,R6,R32,R33,R61,R62
150 k
Ω
1/4 W
56
14
R7,R20,R36,R43,R49,R56,R64,R72,R74,R79,R103,
R106,R117,R125
1 k
Ω
1/4 W
57
3
R12,R39,R63
1.2 k
Ω
1/4 W
58
3
R17,R23,R41
220 k
Ω
1/4 W
59
5
R18,R38,R47,R57,R67
390 k
Ω
1/4 W
60
5
R19,R40,R48,R58,R68
330 k
Ω
1/4 W
61
10
R21,R22,R24,R44,R45,R50,R65,R66,R71,R76
2.7 k
Ω
1/4 W
62
9
R25,R51,R75,R77,R78,R80,R81,R82,R110
10 k
Ω
1/4 W
63
1
R27
470
Ω
1/4 W
64
1
R34
2.2 k
Ω
1/4 W
65
1
R42
22
Ω
1/4 W
66
1
R46
5.6 k
Ω
1/4 W
67
1
R53
270 k
Ω
1/4 W
Table 9.
Bill of materials (continued)
Item
Qty
Reference
Part name/value
V/
power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com