Electronic Components Datasheet Search
  English  ▼

X  

UM0428 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 13Page - STMicroelectronics UM0428 Datasheet HTML 14Page - STMicroelectronics UM0428 Datasheet HTML 15Page - STMicroelectronics UM0428 Datasheet HTML 16Page - STMicroelectronics UM0428 Datasheet HTML 17Page - STMicroelectronics UM0428 Datasheet HTML 18Page - STMicroelectronics UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics UM0428 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
UM0428
Motor control demonstration
17/27
The first configuration is a simple rectifier, but the second configuration is a voltage doubler.
Using the first configuration with an AC input of 220 V, the bus voltage obtained is 310 DC
volt. Using the second configuration with an AC input of 110 V, the bus voltage obtained is
the same 310 DC V. To configure the board for the voltage doubler (up to 110 Vac input),
solder a wire closing the two pins of W15.
To configure the board for a simple rectifier (up to 220 Vac input), keep W15 open.
The power board can be configured to use a single-shunt resistor or a three-shunt resistor.
8
To use ICS the board must be configured for three-shunt resistors and the operational
amplifier networks as described on page 9 must be modified.
To configure the board for a single shunt, wires must be soldered between point 1 and point
2 of W17 and W20 while keeping point 3 open.
To configure the board for three shunts, wires must be soldered between point 2 and point 3
of W17 and W20 while keeping point 1 open.
Figure 11.
a) single-shunt configuration b) three-shunt configuration
7.3.2
Jumpers settings
Table 6 describes individually each jumper functionality.
a)
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com